Part Number Hot Search : 
25CMB MC34230 AHC1G MC350 RF3933SR 200PC MSMLG12A 74LS32P
Product Description
Full Text Search
  discrete Datasheet PDF File

For discrete Found Datasheets File :: 18389    Search Time::3.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    USB3313D-CP-TR

SMSC Corporation
Part No. USB3313D-CP-TR
OCR Text ...OR ESD PROTECTION CAPACITORS discrete discrete discrete External 4.7uF 2uF INTEGRATED SOLUTION! Which USB331x Family Member is Right for Your Design? PART NUMBER USB3311 USB3315 USB3316 USB3317 USB3318 USB3319 SMSC Literature #C...
Description
File Size 290.35K  /  2 Page

View it Online

Download Datasheet





    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ...hes Built-in adaptive debouncer discrete step-up/step-down control Autoscan up/down control with 4 steps per second Pin-selectable zero-scale/midscale preset Low potentiometer mode tempco, 5 ppm/C Low rheostat mode tempco, 35 ppm/C Digital ...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet

    LBN150B01 LBN150B01-7 MMST3906 MMST3904

DIODES[Diodes Incorporated]
Part No. LBN150B01 LBN150B01-7 MMST3906 MMST3904
OCR Text ... a point of load. It features a discrete PNP pass transistor with stable Vce_sat which does not depend on the input voltage and can support maximum continuous current of 150 mA up to 125 C (see fig. 3). It also contains a discrete NPN that ...
Description 150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS

File Size 233.25K  /  9 Page

View it Online

Download Datasheet

    Honeywell Accelerometers
Honeywell Accelerometer...
Part No. SME2470-021 SME2470-001 SME2470-011
OCR Text discrete surface mount emitters and detectors sme/smd series honeywell sensing and control features small package size glass lensed optics for efficient optical coupling upright or inverted mounting capability low profile, small siz...
Description Ceramic discrete Surface Mount Emitters and Detectors

File Size 123.30K  /  8 Page

View it Online

Download Datasheet

    3M[3M Electronics]
Part No. 3647B_36 3647B 3647B/36
OCR Text discrete Wire Cable 28 AWG Stranded, Twisted Pair, PO/PVC 3647B Series S IEEE 1284 Compliant - 36 conductor S Twisted pairs reduce crosstalk in balanced drive applications S Wires are color coded for easy identification S Meets external w...
Description Round, Shielded/Jacketed, discrete Wire Cable

File Size 41.71K  /  2 Page

View it Online

Download Datasheet

    Pulse A Technitrol Comp...
PULSE[Pulse A Technitrol Company]
Part No. H1260 HX1188 J0006D21 J8064D628 H1012 H1102 PE-69012 H0026 H1112 H1270 H2005A H2019 H5004 H5007 H5007_07 H5012 H5014 H5020 H5062 H5077 H5200 H5400 H6062 H6080 HX1148 HX1294 J0018D21 J0C-0003 J1006F21 J3006G21D J3018G21D J8064E62 JV006I21 JW0-0009 JY0-0016 H500707 HC500 H546 J409 J401 J404 H321 H322
OCR Text discrete Transformer Modules LAN discrete TRANSFORMER MODULES Pulse discrete Transformer Modules Pulse offers the most comprehensive line of discrete LAN transformer modules available to the OEM worldwide. Modules for 10/100/1000BASE...
Description    LAN discrete TRANSFORMER MODULES

File Size 251.83K  /  12 Page

View it Online

Download Datasheet

    N.A.
ETC[ETC]
Part No. XE056LCC
OCR Text ...ackage. It is an alternative to discrete DAA's for high-speed dialup communications. The XE056LCC replaces 25 to 30 discrete components. In spite of being less than 1 inch square, the XE056LCC does not sacrifice performance for its small si...
Description Surface-Mount Slim-Link DAA for 56K bps Data Transfer

File Size 107.62K  /  12 Page

View it Online

Download Datasheet

    AND8116 AND8116D

ON Semiconductor
Part No. AND8116 AND8116D
OCR Text ...ions when replacing traditional discrete solutions such as bipolar transistors plus free-wheeling diodes. (c) Semiconductor Components Industries, LLC, 2003 1 September, 2003 - Rev. 1 Publication Order Number: AND8116/D AND81...
Description INTEGRATED RELAY/INDUCTIVE LOAD DRIVERS FOR INDUSTRIAL AND AUTOMOTIVE APPLICATIONS

File Size 90.32K  /  8 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. STV3208
OCR Text discrete cosine transform (dct) july 1992 pqfp44 (plastic package) . 0 to 27mhz pixel rate in single precision mode, . 0 to 20 mhz pixel rate in double precision mode . forward and inverse 8 x 8 trans- form . 9-bit two's complement pixel fo...
Description 8 x 8 discrete COSINE TRANSFORM

File Size 183.28K  /  17 Page

View it Online

Download Datasheet

For discrete Found Datasheets File :: 18389    Search Time::3.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of discrete

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.71933579444885